Part Number Hot Search : 
60041 NJG1301V 74435 74435 1N5369B MN103S SD530 T273A
Product Description
Full Text Search
 

To Download 0524182010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0524182010 Active
2.00mm (.079") Pitch Board-to-Board Receptacle, Right Angle, Single Row, Friction Lock, 20 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-52418-002 (PDF)
Product Specification PS-52418-003 (PDF) RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Product Name PCB Receptacles 52418 Board-to-Board N/A
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 20 Natural 30 No Phosphor Bronze Tin Tin Polyester 1 Right Angle No Yes 0.062 In 1.60 mm Tray 0.079 In 2.00 mm 36 0.90 36 0.90 No No -40C to +105C Through Hole - Kinked Pin
Search Parts in this Series 52418Series Mates With 53290
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 125V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-52418-002, PS-52418-003, RPS-52418-001, RPS-52418-004 SD-52418-**10
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0524182010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X